Part Number Hot Search : 
05D12 IRHM3230 C7812CT AT24C01 SPD25D28 M74HC155 129M00 A4899
Product Description
Full Text Search
 

To Download HBK1608B10NJ-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MULTILAYER CHIP INDUCTOR FOR HIGH FREQUENCY HK SERIES
1005D 55V125C OPERATING TEMP.
1608 D 40VJ85C 2125
FEATURES
Ag Q YMultilayer inductor made of advanced ceramics with low-resistivity silver used as internal conductors provides excellent Q and SRF characteristics. YDesigned to address surface mount inductor needs for applications above 100MHz. YMultilayer block structure ensures outstanding reliability, high productivity and product quality.
APPLICATIONS
PHS EMI YPortable telephones, PHS and pagers YMiscellaneous high-frequency circuits YEMI countermeasure in high-frequency circuits.
ORDERING CODE
1
HK
2
fLPWghmmi
1005f0402g 1608f0603g 2125f0805g 1.0P0.5 1.6P0.8 2.0P1.25
3
hAHi
3N9 10N R10 R12 FRW FNWnH 0.0039 0.01 0.1 0.12
4
J K S M 5L M10L M0.3nH
5
T
H
1 1
Type
HK
K
2
2
1
2
2
3
1.0P0.5 1.6P0.8 2.0P1.25
51
0
3 4
N
J
4 5
_
5
T
External Dimensionshmmi
Multilayer chip inductors for high frequency 1005f0402g 1608f0603g 2125f0805g
Nominal InductancehAHi Example
3N9 10N R10 R12 0.0039 0.01 0.1 0.12 *R=decimal point *N=0.0fnH typeg
Inductance Tolerances
J K S M 5L M10L M0.3nH
Packaging
KT Tape & Reel
238
EXTERNAL DIMENSIONS
Type HK1005 L 1.00M0.05 W 0.50M0.05 T 0.50M0.05 e 0.25M0.10
f0402g f0.039M0.002g f0.020M0.002g HK1608 1.6M0.15 0.8M0.15 f0603g f0.063M0.006g f0.031M0.006g 1.25M0.2 2.0 J0.3 K0.1 HK2125 f0805g f0.079J0.012 g f0.049M0.008g K0.004
f0.020M0.002g f0.010M0.004g 0.8M0.15 0.3M0.2 f0.031M0.006g f0.012M0.008g 0.85M0.2 1.0J0.2 K0.3 f0.033M0.008g f0.039 J0.008 g K0.012 UnitDmmfinchg 0.5M0.3 f0.020M0.012g
5
FERRITE PRODUCTS
AVAILABLE INDUCTANCE RANGE
Type Range 1.0 1.2 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 HK1005 1.0 HK1608 1.0 HK2125
Rdcmax[E] Rdcmax[E] Rdcmax[E] Imax[mA] Imax[mA] Imax[mA] 1.5 1.5 E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E 300 E E E E E E E E E E E E EE 0.10 300 0.13 300 0.10
Inductance[nH]
8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 470 220
E E E E E E E E E E E E E0.42E E E E E E E E E E E E E E E E E E0.26E E E E E E E E E E E300E E E E E E 0.30 E E E E E E E E EE 250 300
E E E E E E E E E E E E E1.60E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E E 100
300 1.00 300 0.90
120
Examples
Inductance 1.5nH 10.0nH 100.0nH
Imax mA] [ 300 250 100
Rdcmax E] [ 0.13 0.42 1.60
Imax [mA] 300 300 300
Rdcmax E] [ 0.10 0.26 1.00
Imax [mA] 300 300 300
Rdcmax E] [ 0.10 0.30 0.90
Selection Guide
Part Numbers
Electrical Characteristics
Packaging
Reliability Data
Precautions
P.10
etc
P.240
P.242
P.262
P.264
P.272
239


▲Up To Search▲   

 
Price & Availability of HBK1608B10NJ-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X